Part Number Hot Search : 
2SA1585S CAT1321 TS10K40 HCPL4200 PIP206 DFL1506S DFB25100 74622
Product Description
Full Text Search
 

To Download GP15A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP15A - GP15M
PRV : 50 - 1000 Volts Io : 1.5 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Pb / RoHS Free
SILICON RECTIFIER DIODES D2
0.161 (4.10) 0.154 (3.90) 1.00 (25.4) MIN.
0.284 (7.20) 0.268 (6.84)
MECHANICAL DATA :
* Case : D2 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.465 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Ta = 55 C Maximum Peak Forward Surge Current, 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Peak Forward Voltage at IF = 1.5 A Maximum Full load Reverse Current, Full Cycle Average 0.375",(9.5mm) Lead Length Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 55C Ta = 25 C Ta = 150 C
SYMBOL VRRM VRMS VDC IF(AV)
GP 15A 50 35 50
GP 15B 100 70 100
GP 15D 200 140 200
GP 15G 400 280 400 1.5
GP 15J 600 420 600
GP 15K 800 560 800
GP 15M 1000 700 1000
UNIT V V V A
IFSM VF IR(AV) IR IR(H) Trr CJ RJA TJ TSTG
50 1.1 100 5.0 200 2.0 15 25 - 65 to + 175 - 65 to + 175
A V A A A s pf C/W C C
Tipical Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance ( Note 3 ) Junction Temperature Range Storage Temperature Range
Notes : ( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A. ( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC ( 3 ) Thermal Resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( GP15A - GP15M )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
1.5 50
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
8.3 ms SINGLE HALF SINE WAVE
1.2
PEAK FORWARD SURGE CURRENT, AMPERES
40 TJ = TJ max. 30
0.9
0.6
20
0.3 RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150 175
10
0
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
10
FORWARD CURRENT, AMPERES
10 TJ = 100 C
1.0
1.0
0.1
Pulse W idth = 300 s 2% Duty Cycle TJ = 25 C
0.1 TJ = 25 C
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of GP15A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X